PART |
Description |
Maker |
LX5204 LX5204CDP LX5204CPWP |
SCSI - Single Ended 9-LINE HOT SWAP/ POWER SCSI TERMINATOR 9-LINE HOT SWAP, POWER SCSI TERMINATOR 9-LINE HOT SWAP, レPOWER SCSI TERMINATOR 9-LINE HOT SWAP, μPOWER SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
LTC4251-1 LTC4251 425112F LTC4251-2 |
Negative Voltage Hot Swap Controllers in SOT-23 From old datasheet system Negative Voltage Hot Swap Controller in SOT-23
|
Linear Technology
|
ISL6141IB ISL6151 ISL6141CB ISL6141 |
Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTripCurrent Regulation, UV/OV Protection, Active high PWRGD Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTrip Current Regulation, UV/OV Protection, Active low PWRGD-bar Negative Voltage Hot Plug Controller
|
INTERSIL[Intersil Corporation]
|
PI3C3245Q PI3C3245L |
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch 2.5V/3.3V的,高带宽,热插位,2端口,总线开 2.5V/3.3V/ High Bandwidth/ Hot Insertion 8-Bit/ 2-Port/ Bus Switch
|
Pericom Technology Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
6EP13321-SH41 6EP1311-1SH01 6EP1311-1SH11 6EP1321- |
SCHALTNETZTEIL DIN SCHIENEN 5V 3A 4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers 17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection SCHALTNETZTEIL依据DIN SCHIENEN 24V 9-Output LED Driver with Intensity Control and Hot-Insertion Protection SCHALTNETZTEIL依据DIN SCHIENEN 15VA
|
Infineon Technologies AG
|
ADC-00304-302 ADC-00304-102 ADC-00306-112 ADC-0030 |
Ultralow Voltage Hot Swap Controller; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C Analog-to-Digital Converter12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Analog-to-Digital Converter??? 12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C
|
热切电源分布
|
ISL6142 ISL6142CB ISL6152 ISL6152CB ISL6152IB |
Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTripCurrent Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active high PWRGD Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTrip Current Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active low PWRGD-bar Negative Voltage Hot Plug Controller
|
INTERSIL[Intersil Corporation]
|
ADM1173 |
2.7V to 16.5V Hot Swap Controller
|
Analog Devices
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|
ADM4210 |
Hot Swap Controller
|
Analog Devices
|