PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
MBL80C49H MBL80C49N |
(MBL80C39H / MBL80C49H) CMOS Single Chip 8-Bit Microcomputer (MBL80C39N / MBL80C49N) CMOS Single Chip 8-Bit Microcomputer
|
Fujitsu
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
M37272M8H-XXXSP M37272M8H-XXXFP M37272M8H-213FP M3 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and OSD
|
Mitsubishi Electric Corporation
|
M38063EB-FP M38066MADFP M38060EFDFP M38061EFDFP M3 |
8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|
M38064M2-FS M38064M2DFS M38064E3DFS M38060E1-FS M3 |
8-BIT, OTPROM, 4 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|