PART |
Description |
Maker |
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ADM809MART ADM809JART ADM809RART ADM809TART |
Microprocessor Supervisory Circuit in 3-Pin SOT-23 RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes 微处理器监控电路引脚SOT - 23 Microprocessor Supervisory Circuit in 3-Pin SOT-23 微处理器监控电路引脚SOT - 23 SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-SOIC -40 to 85
|
Analog Devices, Inc.
|
CAT1027 CAT1026 |
Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Auxiliary Voltage Monitor, Watchdog Monitors WDI Pin Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Reset Active High & Low, Auxiliary Voltage Monitor
|
Catalyst Semiconductor
|
MCP130T-485HI MCP130T-485GI MCP120 MCP130T-315DI M |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d (MCP120 / MCP130) Microcontroller Supervisory Circuit with Open Drain Output CAP 120UF 450V ELECT TS-HB Microcontroller Supervisory Circuit with Open Drain Output 微控制器监控电路的开漏输 Microcontroller Supervisory Circuit with Open Drain Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MIC70506 MIC705 MIC706 MIC707 MIC708 MIC708MY |
渭P Supervisory Circuit μP Supervisory Circuit uP Supervisory Circuit
|
Micrel Semiconductor
|
MIC123206 MIC1232M MIC1232MY MIC1232N MIC1232NY MI |
渭P Supervisory Circuit μP Supervisory Circuit
|
Micrel Semiconductor
|
MAX791 MAX791CPE MAX791CSE MAX791EJE MAX791EPE MAX |
Microprocessor Supervisory Circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX791 |
Microprocessor Supervisory Circuit
|
MAXIM - Dallas Semiconductor
|
MAX791C/D |
Microprocessor Supervisory Circuit
|
Maxim Integrated Products, Inc.
|