PART |
Description |
Maker |
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
1N5822RL 1N5820RL 1N5821RL |
3A 40V Schottky Rectifier 3A 20V Schottky Rectifier 3A 30V Schottky Rectifier
|
ON Semiconductor
|
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N6843 |
Schottky Rectifier 100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
|
Microsemi Corporation
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|