PART |
Description |
Maker |
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
C7247-01 C7247 |
DA-TYPE SOCKET ASSEMBLIES Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
SG3543 SG3543DW SG3543J SG3543N SG2543 SG2543DW SG |
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP16 Power Supply - Precision Output Supervisory Circuit From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PSPD25 PSPD-2512 PSPD-2515 PSPD-2505 PSPD-25A PSPD |
Dual Output Up to 25 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
PSPD-45A PSPD-45B PSPD45 |
Dual Output Up to 45 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|
HA4-5147/883 HA7-5147/883 HA-5147/883 |
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier AC/DC Power Supply; Output Power:40W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:3.3A; Power Supply Mounting:Chassis; External Depth:30.78mm; External Width:64.8mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Intersil Corporation
|
RID-125 RID-125-1205 RID-125-1224 RID-125-1248 RID |
125W Dual Output Swithching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
RID-125 RID-125-1205 RID-125-1248 RID-125-2405 RID |
125W Dual Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
DER-53 |
20W Dual Output Power Supply using TOP247Y
|
POWERINT[Power Integrations, Inc.]
|
SI786 SI786CG SI786CG-T1 SI786CRG SI786CRG-T1 SI78 |
Dual-Output Power-Supply Controller 双输出电源控制器
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
NED-3510 |
35W Dual Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|