PART |
Description |
Maker |
REF01CJ-G106 REF01Z/883B |
5V, 10V Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, BCY8 5V, 10V Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8
|
Maxim Integrated Products, Inc.
|
REF01AJ_883C |
10V Precision Voltage Reference
|
Analog Devices
|
MAX674MJA/883B |
10V Precision Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8
|
Maxim Integrated Products, Inc.
|
LT1630IS8 LT1630IS8PBF LT1630IS8TRPBF LT1631CSPBF |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 30MHz, 10V/渭s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/μs, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO14
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
LT1630 LT1630CS8 LT1631CS LT1631 LT1630CN8 16301F |
From old datasheet system 30MHz/ 10V/us/ Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
LINERA LINER[Linear Technology]
|
ISL6000706 ISL60007CIB825Z ISL60007BIB825Z ISL6000 |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
|
Intersil Corporation
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ISL60007BIB825 ISL60007CIB825 ISL60007CIB812 ISL60 |
GT 14C 14#16 SKT RECP BOX Precision 1.25V and 2.50V, 1.08?-Watt, High Precision FGA Voltage References Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
|
Intersil Corporation
|
|