PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
KKX232-3.3 KKX232-3.3D KKX232-3.3N |
Interface transceiver of RS-232 standard with one supply voltage 接口收发器的RS - 232 1电源电压标准
|
KODENSHI, CORP. KODENSHI KOREA CORP.
|
ML2724 ML2724DH |
2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
|
MICRO-LINEAR[Micro Linear Corporation]
|
COM20020I3VLJP COM20020I3V-HD COM20020I3V-DZD COM2 |
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
|
SMSC[SMSC Corporation]
|
LDM422-S LDM422-SE LDM422-ST LDM422-PE LDM422-PT |
Fully Isolated Limited Distance Modem, RS-232/422 Converter 完全隔离的距离有限的调制解调器,RS-232/422转换
|
Electronic Theatre Controls, Inc.
|
MAX3316CAE MAX3316CUP MAX3316EAE MAX3316EUP MAX331 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors " 2.5V, 1?A, 460kbps, RS-232-Compatible Transceivers" 2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers 2.5V 1?A 460kbps RS-232-Compatible Transceivers 2.5V, 1A, 460kbps, RS-232-Compatible Transceivers
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AZ75232 AZ75232M-E1 AZ75232MTR AZ75232GS-E1 AZ7523 |
MULTIPLE RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容
|
BCD Semiconductor Manuf... BCD Semiconductor Manufacturing, Ltd.
|
ADM205-ADM211 ADM210 ADM211AR ADM211ARS ADM207ARS |
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 0.1 uF/ 5 V Powered CMOS RS-232 Drivers/Receivers 0.1 mF. 5 V Powered CMOS RS-232 Drivers/Receivers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ML2724DH ML2724 |
2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet 2.4GHz的低IF 1.5Mbps的FSK收发器最终数据表
|
Micro Linear Corporatio... Bourns, Inc.
|
SP332 SP332CT SP332ET SP332CT-L SP332CT-L/TR SP332 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RS-232/RS-485 Multi-Mode Serial Transceiver
|
Exar, Corp. SIPEX[Sipex Corporation]
|
TG16C554CQ TG16C554 |
The TG16C554 is a quad-channel high performance UART
offering data rates up to 1.5Mbps.
|
N.A.
|