PART |
Description |
Maker |
AD9740 AD9740AR AD9740ARU AD9740-EB |
10-Bit, 165 MSPS TxDAC D/A Converter IC,D/A CONVERTER,SINGLE,10-BIT,CMOS,TSSOP,28PIN From old datasheet system
|
AD[Analog Devices] Analog Devices Inc
|
MAX150 MAX150ACPP MAX150ACWP MAX150AEPP MAX150AEWP |
CMOS High Speed 8Bits ADC(500ksps,单通道,串行8位ADC) CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-TSSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20 CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 From old datasheet system CMOS High Speed 8-Bit A/D Converter with Reference and Track/Hold Function "CMOS, 1.3?s, 8-Bit ADC with Voltage Reference and Track/Hold" CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
STMicroelectronics N.V. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HI1172_00 HI1172 HI1172JCB HI117200 |
6-Bit, 20MSPS, Video A/D Converter (CMOS) 6-Bit, 20MSPS, Video A/D Converter
(CMOS)(6位、采样速率B>20MSPS的A/D转换
|
INTERSIL[Intersil Corporation]
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MN65742 |
6-Bit, 2-Channel CMOS A/D Converter 2-CH 6-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Panasonic, Corp. Panasonic Semiconductor
|
D MX7578TD MX7578KP MX7578TQ MX7578KCWG MX7578KEWG |
cmos 10 and 12 Bit Multiplying D/A Converters Calibrated 12-Bit A/D Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Produc...
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MN65761T |
Low Power 9-Bit CMOS A/D Converter for Image Processing 1-CH 9-BIT FLASH METHOD ADC, PARALLEL ACCESS, PQFP48
|
Panasonic, Corp. Panasonic Semiconductor
|