PART |
Description |
Maker |
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
AUR9706 |
Dual High-efficiency PWM Step-down DC-DC Converter
|
Diodes
|
GRM219R60J106KE19 JMK107BJ106MA JMK107BJ475RA GRM2 |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
PAM2308EN1YMBA PAM2308FB1YMBA PAM2308VIN2YMBA PAM2 |
Dual High-Efficiency PWM Step-Down DC-DC Coverter
|
Power Analog Micoelectr... Power Analog Micoelectronics http://
|
JMK107BJ106MA JMK107BJ475RA GRM219R60J106KE19 GRM2 |
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
MAX1652-MAX1655 |
High-Efficiency PWM Step-Down DC-DC Controllers in 16-Pin QSOP
|
Maxim Integrated Products, Inc.
|
RT8009 RT8009-15PB RT8009-15PJ5 RT8009-12PB RT8009 |
1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation
|
LP3204A-15B5 LP3204 LP3204B-15B5 LP3204B-18B5 LP32 |
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|