PART |
Description |
Maker |
M48T35AV-10MH1 M48T35AV-10MH1E M48T35AV-10MH1F M48 |
256 KBIT (32KB X8) TIMEKEEPER SRAM
|
ST Microelectronics
|
CA5010LT CA5010GN |
64 Kbit (8 Kbit X 8) TIMEKEEPER® SRAM 5V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM 电压基准
|
Electronic Theatre Controls, Inc.
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
UMZ7NTR EMZ7T2R EMZ7 UMZ7N |
Transistors > Complex Bipolar Transistors 晶体管|晶体管|一对|互补| 12V的五(巴西)总裁| 500mA的一(c)|的SOT - 363VAR 64 Kbit (8 Kbit X 8) TIMEKEEPER® SRAM
|
ROHM
|
M24512-HR M24512-R M24256-BHR M24256-BR M24512-WDW |
64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 512 Kbit and 256 Kbit serial I?C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I虏C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I2C bus EEPROM with three Chip Enable lines
|
STMicroelectronics
|
M24512-WMW6TP M24256-BR M24256-BRDW6G M24256-BRDW6 |
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
|
STMICROELECTRONICS[STMicroelectronics]
|
M48T02 |
16 KBIT (2KB X8) TIMEKEEPER SRAM
|
ST Microelectronics
|
M48T59 M48T59-70MH1 M48T59-70MH1TR M48T59-70MH6 M4 |
64 Kbit 8Kb x8 TIMEKEEPER SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HMNR328D HMNR328D-100 HMNR328D-100I HMNR328D-70 HM |
5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
|
Hanbit Electronics Co.,Ltd
|
M27256 M27256-F1 M27256-F6 M27256-4F6 M27256-1F1 M |
NND - NMOS 256 KBIT (32KB X8) UV EPROM NMOS 256K 32K x 8 UV EPROM 32K X 8 UVPROM, 200 ns, CDIP28 32K X 8 UVPROM, 250 ns, CDIP28
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|