PART |
Description |
Maker |
LH28F800SGH-L LH28F800SG-L |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
Sharp Corporation Sharp, Corp.
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
HM62W8512B HM62W8512BLFP-5 HM62W8512BLFP-5SL HM62W |
4 M SRAM (512-kword x 8-bit) Octal Buffer/Driver With Open-Collector Outputs 20-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit) 四米的SRAM12 - KWord的8位)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM29F400BB-55FEB AM29F400BB-55FIB AM29F400BT-55FCB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|
SLA24C04-D SLA24C04-S SLA24C04-D-3 SLA24C04-S-3 Q6 |
4 Kbit 512 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus 4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 4千位512 × 8位串行CMOS EEPROM的,I2C同步2线总线 4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Siemens Semiconductor Group SIEMENS AG SIEMENS A G
|
LPC2364FB100 LPC2364FBD100 LPC2366 LPC2366FB100 LP |
SINGLE-CHIP 16-BIT/32-BIT MICROCONTROLLERS; UP TO 512 KB FLASH WITH ISP/IAP, ETHERNET, USB 2.0, CAN, AND 10-BIT ADC/DAC
|
Philips Semiconductors
|
LPC236410 LPC2365 LPC2367 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LPC2134FBD64 LPC2138FBD64 LPC2132FBD64 LPC2131FBD6 |
LPC2131; LPC2132; LPC2138; Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP Flash with 10-bit ADC and DAC
|
Philips NXP Semiconductors
|
LPC214108 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
NXP Semiconductors
|
AM29F400BT-90EC0 AM29F400BT-90SC0 AM29F400BT-90EK |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|