PART |
Description |
Maker |
FS30KM-03 |
Motor control, Lamp control, Solenoid control DC-DC converter, etc.
|
Mitsubishi Electric Semiconductor
|
IR3081 IR3081MTR IR3081M |
XPHASE VR 10.0 CONTROL IC XPHASE0.0控制IC From old datasheet system XPHASE VR 10.0 Control IC. The Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way toimplement a complete VR 10.0 power solution.
|
International Rectifier, Corp. IRF[International Rectifier]
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
1180-02-10A 1180-01 1180-02-0.1A 1180-01-3A 1180-0 |
Protection of loads in power distribution systems in control cabinets and process control
|
ETAL Group
|
MTD2006F10 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
MTD2006F-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
MA03503D_1 MA03503D1 |
Control Chip, Parallel Input Gain/Phase Control 8.0-11.0 GHz
|
MACOM[Tyco Electronics]
|
LS7540 |
TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
|
LSI Corporation
|
HCTL-1101 |
General Purpose Control ICs Position and Velocity Control Low Power CMOS
|
AVAGO TECHNOLOGIES LIMITED
|
IRF7413ZPBF |
Control FET for Notebool Processor Power, Control and Synchronous Rectifier 控制场效应管的Notebool处理器电源,控制和同步整流器
|
International Rectifier, Corp.
|
M51660 M51660L M51660E |
SERVO MOTOR CONTROL FOR RADIO CONTROL From old datasheet system
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|