PART |
Description |
Maker |
W26L010A W26L010A-10 W26L010A-12 W26L010AJ-10 W26L |
JT 10C 10#20 PIN RECP From old datasheet system 64K X 16 High Speed CMOS Static RAM HIGH SPEED SRAM 64Kx16
|
Winbond Electronics Corp WINBOND[Winbond]
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
AT29LV512-25TI AT29LV512-25TC AT29LV512-25JI |
512K 64K x 8 3-volt Only CMOS Flash Memory High Speed CMOS Logic Quad 2-Input NAND Gates 14-PDIP -55 to 125 High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-SOIC -55 to 125
|
Atmel Corp.
|
N01L163WC2A |
1Mb Ultra-Low Power Asynchronous CMOS SRAM 64Kx16 bit
|
NanoAmp Solutions
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
MX23C1024 23C1024 MX23C1024PC-12 MX23C1024QC-20 MX |
1M-BIT [64K x 16] CMOS MASK ROM From old datasheet system 1m-BIT [64KX16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
BS616LV1011 BS616LV1011EIP70 BS616LV1011AC BS616LV |
Very Low Power/Voltage CMOS SRAM 64K X 16 bit 非常低功电压CMOS SRAM4K的16 Asynchronous 1M(64Kx16) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
HI5828 HI5828EVAL2 HI5828IN |
12-Bit, 125 MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V) 12-Bit, 125 MSPS, CommLinkDual High Speed CMOS D/A (2.7V-5.5V) 12-Bit, 125 MSPS, CommLink Dual High Speed CMOS D/A (2.7V-5.5V) 12-Bit, 125 MSPS, CommLink⑩ Dual High Speed CMOS D/A (2.7V-5.5V)
|
INTERSIL[Intersil Corporation]
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|