PART |
Description |
Maker |
HIP6502B HIP6502BCB HIP6502BEVAL1 FN4871 |
Multiple (5) Linear Controller, ACPI Control Interface From old datasheet system Multiple Linear Power Controller with ACPI Control Interface
|
INTERSIL[Intersil Corporation] http://
|
ISL6506ABCBZ-T |
Multiple linear power controller with ACPI control interface.
|
Intersil
|
ISL6505 |
Multiple Linear Power Controller with ACPI Control Interface
|
Intersil
|
HIP6503 HIP6503CB HIP6503EVAL1 FN4882 |
From old datasheet system Multiple Linear Power Controller with ACPI Control Interface
|
INTERSIL[Intersil Corporation]
|
PSB2196-NV1.4 PSB2196-HV1.4 |
ISAC-P TE (Subscriber Access Controll...
|
Infineon
|
CS51313-D |
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
|
ON Semiconductor
|
AP163-317 |
AP163-317:3.3 V. 802.11b/g Linear Power Amplifier|Power Amplifiers for WLAN 3.3 V, 802.11b/g Linear Power Amplifier 802.11 b/g Linear Power Amplifer
|
Skyworks Solutions Inc.
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
M76DW63000A70Z |
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
|
ST Microelectronics
|
RF6100-4PCBA RF6100-4 |
3 V 1900 MHz Linear Power Amplifier Module 3V 1900MHZ LINEAR POWER AMPLIFIER
|
RFMD[RF Micro Devices] RF Micro Devices, Inc.
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|