PART |
Description |
Maker |
535090-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 096 EURO TYPE C RECEPT ST ASSY ( AMP )
|
Tyco Electronics
|
535034-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 048 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
MX23L1611 MX23L1611MC-10 MX23L1611MC-12 MX23L1611T |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type:Rear 3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
|
Macronix International Co., Ltd.
|
MX23L3211 MX23L3211MC-10 MX23L3211MC-12 MX23L3211R |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type 32M-BIT MASK ROM (8/16-BIT OUTPUT)
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
DSS9NT31H223Q55B DST9NC52A271 DST9NC52A222 DSN9NC5 |
Leaded EMIFIL (Three-terminal Capacitor type) Standard Type Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
HCF40192B HCF40192BC1 HCF40192BEY HCF40192BF HCF40 |
Quadruple Differential Line Receiver 16-SOIC 0 to 70 预置向上/向下计数器(双时钟带复位0192B BCD码型40193B BINARY类型 PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B ? BCD TYPE 40193B ? BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B-BCD TYPE , 40193B-BINARY TYPE PRESETTABLE UP/DOWN COUNTERS - 40192B BCD TYPE 40193B BINARY TYPE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
SLI-580YT SLI-580 SLI-580DT SLI-580UT |
High Brightness Type 5.0 Circular Type LED Lamps Type 2 1/2:12 High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
88741-8120 |
LEAD, DVI-D TO DVI-D DUAL LINK, 5M; Connector type A:DVI-D; Connector type B:DVI-D; Length, lead:5m; Cable type:Sh; Ways, No. of:24; Colour:Black; Series:MICROCROSS RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Molex, Inc.
|
687860005 |
HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 0.2m (7.84), Lead free
|
Molex Electronics Ltd.
|
SLC-22YY SLC-22 SLC-22DU SLC-22MG SLC-22VR |
Standard Type 2.0 Cylinder Type LED Lamps Small cylindrical LEDs (.0 mm)
|
ROHM[Rohm] Rohm CO.,LTD.
|