PART |
Description |
Maker |
FAN1086M25X FAN1086M285X FAN1086M33X FAN1086M5X FA |
1.5A Adjustable/Fixed Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 1.5A Adjustable Low Dropout Voltage Regulator (LDO) ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
RT9058 |
100mA Low Dropout Voltage Linear Regulator
|
Richtek
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS8151YDPSR7 CS8151YNF16 |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP
|
ON Semiconductor
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
CS8101YD8 CS8101-D |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low DropoutLinear Regulator with RESETbar and ENABLEbar Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with Inverted RESET and Inverted ENABLE
|
On Semiconductor
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADP3307ART-3-REEL ADP3307ART-3-REEL7 ADP3307ART-2. |
OutputV: 3.3V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 3.2V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.85V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.7V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Analog IC 3 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
Analog Devices, Inc. TE Connectivity, Ltd.
|
LP2950 LP2951ACS-5-0_TR LP2951CS-L-5-0 LP2950CN-L- |
5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, LOW DROPOUT VOLTAGE REGULATORS
|
http:// Exar Corporation
|
|