PART |
Description |
Maker |
UCN5815A UCN5815EP UCN5815 5815 |
BiMOS II 8-Bit Latched Source Driver for Use with High-Voltage Vacuum-Fluorescent Displays(用于高压真空荧光显示器的 BiMOS II 8位锁存源驱动 BiMOS II 8位锁存源的使用高驱动电压真空荧光显示器(用于高压真空荧光显示器的BiMOS位锁存源驱动器) BiMOS II 8-BIT LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UCQ5818 UCQ5818AF UCQ5818EPF 5818-F |
BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION BiMOS II 32位串行输入,锁存40℃驱动程序要运行85
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
EDI7F2332MV100BNC |
16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC EEPROM
|
Ecliptek, Corp.
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
IDT70V06S20PFI IDT70V06L35GI IDT70V06L25G IDT70V06 |
150V N-Channel PowerTrench MOSFET; ; No of Pins: 2; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 20 ns, PQFP64 60V N-Channel Logic Level PowerTrench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 20 ns, PQFP64 HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, CPGA68 80V Dual N & P-Channel PowerTrench MOSFET; Package: TO-252(DPAK); No of Pins: 5; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 35 ns, PQFP64
|
Integrated Device Technology, Inc.
|
CA3240 |
BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
|
Harris
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
CA3260EZ CA3260AEZ CA326006 CA3260E CA3260 CA3260A |
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
|
INTERSIL[Intersil Corporation]
|
CA3130BT |
15MHz, BiMOS operational amplifier with MOSFET input/CMOS output
|
Harris Semiconductor
|
CA3140E |
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
|
Intersil
|