PART |
Description |
Maker |
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
AN8015SH |
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
RT9901 RT9901GQV RT9901PQV |
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
AN8013SH |
Single-channel step-up or step-down DC-DC converter control IC
|
Panasonic Corporation
|
AN8049SH AN8049 |
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC 1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
MAX16993AGJC/VYCS MAX16993AGJC/VYGA MAX16993AGJC/V |
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
|
MAXIM - Dallas Semiconductor
|