PART |
Description |
Maker |
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
ADC-305 ADC-305-1 ADC-305-3 |
8-Bit, 20MHz CMOS A/D Converters
|
Murata Power Solutions Inc.
|
ADC-207MM-QL ADC-207LM-QL ADC-207 ADC-207LC ADC-20 |
7-Bit, 20MHz, CMOS Flash A/D Converters
|
Murata Power Solutions Inc. http://
|
P16C2308-1L P16C2308-1LI P16C2308-3W P16C2308-1HL |
EIGHT DISTRIBUTED-OUTPUT CLOCK DRIVER|CMOS|TSSOP|16PIN|PLASTIC MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SOIC 300mil, TUBE MCU CMOS 44 LD LOW PWR, -40C to 85C, 44-PLCC, TUBE EIGHT DISTRIBUTED-OUTPUT CLOCK DRIVER|CMOS|SOP|16PIN|PLASTIC MCU CMOS 44 LD LOW PWR, -40C to 85C, 44-TQFP, TRAY MCU CMOS 28 LD 20MHZ 2K FLASH, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SSOP 208mil, TUBE MCU CMOS 40 LD 20MHZ 2K FLASH, -40C to 85C, 40-PDIP, TUBE MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SOIC 300mil, T/R MCU CMOS 28 LD 20MHZ 2K FLASH, -40C to 85C, 28-SOIC 300mil, TUBE MCU CMOS 44 LD 20MHZ 2K FLASH, -40C to 85C, 44-PLCC, T/R 八分布式输出时钟驱动器|的CMOS |专科| 16PIN |塑料
|
TE Connectivity, Ltd.
|
OVC5202-D OVC0602-D OVC0402-D OVC0502-D OVC5402-D |
MCU CMOS 18LD 4MHZ 2K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 125C, 18-SOIC 300mil, TUBE MCU CMOS 20LD 20MHZ 2K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE MCU CMOS 18LD 1K EPRM, 0C to 70C, 18-SOIC 300mil, TUBE Voltage-Controlled Oscillator 压控振荡 MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-PDIP, TUBE 压控振荡 MCU CMOS 18LD 20MHZ 2K EPRM, 0C to 70C, 18-PDIP, TUBE 压控振荡 MCU CMOS 18LD 4MHZ 2K EPRM, -40C to 125C, 18-SOIC 300mil, TUBE
|
Microchip Technology, Inc.
|
MB88101A |
A/D Converte
|
Fujitsu
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
MAX1680/MAX1681 |
125mA Frequency-Selectable Switched-Capacitor Voltage Converte
|
Maxim Integrated Products, Inc.
|
FMC7G30US60 |
IGBT Compact & Complex Module Arbitrary/Function Generator; Bandwidth Max:20MHz; Amplitude Accuracy :0.01dB; Frequency Max:20MHz; Frequency Min:0.1Hz; Waveforms:27 Built-in RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX9226ETE MAX9225ETE |
10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
|
Maxim Integrated Products
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TN80C196KC TN80C196KC20 |
IC MCU 16-Bit MCS96 CISC ROMLESS 20MHZ 5V 68PLCC Commercial / Express CHMOS Microcontroller
|
Intel
|
|