PART |
Description |
Maker |
7812 AD7811YRU AD7811YN AD7812YRZ AD7812YR-REEL7 |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 10-Bit, 8-Channel, 350 kSPS, Serial A/D Converter 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Analog Devices, Inc.
|
AD7920BRMZ AD7910AKSZ-500RL7 AD7910AKSZ-REEL AD791 |
250 kSPS, 12- Bit ADC in 6 Lead SC70; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
|
Analog Devices, Inc.
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7942BRMRL7 AD7942BCPRL7 AD7942BCPWP |
14-Bit, 250 kSPS PulSAR ADC in MSOP/QFN 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, DSO10 14-Bit, 250 kSPS PulSAR ADC in MSOP/QFN 14位,250 kSPSPulSAR系列ADC的,采用MSOP / QFN封装
|
Analog Devices, Inc.
|
AD7664AST AD7664ASTRL EVAL-AD7664CB EVAL-CONTROLBO |
Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-4 16-Bit/ 570 kSPS CMOS ADC 16-Bit 570 kSPS CMOS ADC Evaluation Board AD766X/AD767X 16-Bit, 570 kSPS CMOS ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1594 |
8-Bit, 40 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-SOIC
|
Linear Technology Corporation
|
AD7764BRUZ AD7764 |
24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
|
AD[Analog Devices]
|
AD776407 AD7764BRUZ-REEL7 EVAL-AD7764EBZ AD7764 AD |
24-Bit, 312 kSPS, 109 dB - ADC with On-Chip Buffers and Serial Interface 24-Bit, 312 kSPS, 109 dB ヒ-ツ ADC with On-Chip Buffers and Serial Interface
|
AD[Analog Devices]
|
EVAL-AD7764EBZ |
24-Bit, 312 kSPS, 109 dB Σ-Δ ADC with On-Chip Buffers and Serial Interface
|
Analog Devices
|
EVAL-AD7765EBZ |
24-Bit, 156 kSPS, 112 dB Σ-Δ ADC with On-Chip Buffers and Serial Interface
|
Analog Devices
|
AD7658YSTZ-REEL AD7657YSTZ-REEL |
250 kSPS, 6-Channel,SimultaneousSampling, Bipolar 12-Bit A/D Converter; Package: LQFP (10x10mm); No of Pins: 64; Temperature Range: Industrial 6-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP64 250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 14-Bit A/D Converter; Package: LQFP (10x10mm); No of Pins: 64; Temperature Range: Industrial 6-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP64
|
Analog Devices, Inc.
|