PART |
Description |
Maker |
AD664KN-UNI AD664SD-BIP AD664JN-BIP AD664JN-UNI AD |
Monolithic 12-Bit Quad DAC QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PQCC44 PQ II HIP 7 REV A VR
|
http:// Analog Devices, Inc.
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
5962-8871901MXA 5962-8871902MXA 5962-8871903MYA |
Monolithic 12-Bit Quad DAC
|
Analog Devices
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
AD7399 AD7399BR AD7399BR-REEL7 AD7399BRU-REEL7 AD7 |
0.3-7V; quad, serial-input 12-bit DAC. For automatic output span voltage, portable communications Quad/ Serial-Input 12-Bit/10-Bit DACs Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7225LR-REEL AD7225LP-REEL |
PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
|
ANALOG DEVICES INC
|
AD5307ARU AD5327ARU AD5327ARU-REEL7 AD5317ARU-REEL |
2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP 2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC 2.5 V to 5.5 V, 400µA, Quad Rail-To-Rail Output 10-Bit DAC
|
Analog Devices
|
AD5725BRSZ-500RL7 AD5725ARSZ-500RL7 |
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC; Package: SSOP; No of Pins: 28; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PDSO28
|
Analog Devices, Inc.
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5250AEAP MAX7645ACWPT MX566AJN MX565AJN MAX5702 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface CMOS 12-Bit Buffered Multiplying DACs PARALLEL, WORD INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24 PARALLEL, WORD INPUT LOADING, 0.15 us SETTLING TIME, 12-BIT DAC, PDIP24 Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
|