PART |
Description |
Maker |
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
MX7572JN05 MX7572CQ05 MX7572KCWG12 |
Complete High-Speed CMOS, 12-Bit ADC
|
MAXIM - Dallas Semiconductor
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX7572 |
Complete High Speed CMOS 12Bits ADC(?????伎渭s,甯?????12浣?DC)
|
Maxim Integrated Products, Inc.
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LTC1401 |
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown(SO-8封装2200ksps,模数转换器(带关断 Complete SO-8, 12-Bit, 200kspsADC with Shutdown
|
Linear Technology Corporation
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
AD557JP-REEL7 AD557JNZ AD557-15 |
DACPORT Low Cost, Complete µP-Compatible 8-Bit DAC PARALLEL, 8 BITS INPUT LOADING, 0.8 us SETTLING TIME, 8-BIT DAC, PQCC20 DACPORT Low Cost, Complete μP-Compatible 8-Bit DAC DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
|
Analog Devices, Inc.
|
AD5763 AD5763BSUZ AD5763CSUZ |
Complete Dual, 16-Bit, High Accuracy, Serial Input, 隆戮5V DACs Complete Dual, 16-Bit, High Accuracy, Serial Input, ±5V DACs
|
Analog Devices
|