PART |
Description |
Maker |
AMS2501 AMS2501CS AMS2501CS-15 AMS2501CS-18 AMS250 |
Dual 4-Input Multiplexers 16-SOIC -55 to 125 1A VERY LOW DROPOUT VOLTAGE REGULATORS A非常低压差电压调节器 Dual 4-Input Multiplexers 16-PDIP -55 to 125 REC3-SR_DR/H1 Series - Econoline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 3W; Low Cost 3W converter
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
74AUP2G86DC125 |
Low-power dual 2-input EXCLUSIVE-OR gate; Package: SOT765-1 (VSSOP8); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT XOR GATE, PDSO8
|
NXP Semiconductors N.V.
|
ISL28258FBZ ISL28258FBZ-T7 ISL28258FUZ ISL28258FUZ |
34μA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34楼矛A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34レA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
74AUP2G06GS |
Low-power dual inverter with open-drain output AUP/ULP/V SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
NXP Semiconductors N.V.
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
74AUP2G02GN 74AUP2G02GF 74AUP2G02GS |
Low-power dual 2-input NOR gate
|
NXP Semiconductors
|
ADM8698 ADM8699 ADM8698AN ADM8698ARW ADM8699ARN AD |
µP Supervisory Circuit with 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM698; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 P Supervisory Circuit with Watchdog Feature, 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM699 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output regulated to 6V, Vbat 4.2V 20-QFN -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output Regulated to 6V Battery 20-QFN -40 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8
|
Analog Devices, Inc.
|
74AUP2G132GX |
Low-power dual 2-input NAND Schmitt trigger
|
Nexperia
|
74AUP2G132GF 74AUP2G132GN |
low-power dual 2-input NAND Schmitt trigger
|
NXP Semiconductors
|
UPC4062 UPC4062C UPC4062G2 |
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER 双J - FET输入的低功耗运算放大器
|
NEC, Corp. NEC[NEC]
|