PART |
Description |
Maker |
100343PC 100343QC 100343QI 100343 100343QIX 100343 |
Low Power 8-Bit Latch From old datasheet system 8-Bit D-Type Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ALVC162373 74ALVC162373T 74ALVC162373TX |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
CDP1881C CDP1881CE CDP1882 CDP1882C CDP1882CE CDP1 |
CMOS 6-Bit Latch and Decoder Memory Interfaces(CMOS 6位锁存和解码存储器接口) 的CMOS 6位锁存器和解码器存储器接口的CMOS6位锁存和解码存储器接口) CMOS 6-Bit Latch and Decoder Memory Interfaces HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP20 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74VCXH162373 6896 74VCXH162373TTR |
LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74VCX16373MTD 74VCX16373 74VCX16373MTDXNL |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
C14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN Decade counter/divider 4X7W OR 2X22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY Dual D type flip flop with preset and clear DUAL 2-INPUT NAND BUFFER/DRIVER MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output "nano" accelerometer LOW DROP POWER SCHOTTKY RECTIFIER QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 4 bit D type latch DUAL 64-STAGE STATIC SHIFT REGISTER HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Single buffer 16-bit low voltage ROMless MCU MEMS inertial sensor: 2-axis - /- 2g/6g ultracompact linear accelerometer Turboswitch - ultra-fast high voltage diode Single inverter (open drain) DUAL MONOSTABLE MULTIVIBRATOR 14 stage binary counter Very low drop voltage regulators with inhibit and dropout control flag AC LINE SWITCH Digital temperature sensor and thermal watchdog MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 接口IC ST7262 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 接口IC 8-BIT ADDRESSABLE LATCH
|
ON Semiconductor
|
M74LCX16373DTR2G MC74LCX16373DT MC74LCX16373DTRG M |
Low-Voltage CMOS 16-Bit Transparent Latch
|
ON Semiconductor
|
74LCX16373 74LCX1637303 74LCX16373TTR |
LOW VOLTAGE 16-BIT D-TYPE LATCH 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|