PART |
Description |
Maker |
X25330V14IG-2.5 X25330S8IG-2.5 X25330AE X25330AEG |
5MHz SPI Serial E2 PROM with Block Lock Protection
|
IC MICROSYSTEMS
|
X25097 X25097P X25097P-1.8 X25097P-2.7 X25097PI X2 |
XTAL MTL T/H HC49/U 5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
|
XICOR[Xicor Inc.]
|
IS25C64A IS25C64A-2GI IS25C64A-2GLI IS25C64A-2PI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. http://
|
IS25C02 IS25C02-2GI IS25C02-2GLI IS25C02-2PI IS25C |
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 ISSI[Integrated Silicon Solution, Inc]
|
IS25C32A-3PLA1 IS25C32A-2PLI IS25C32A-2PI IS25C32A |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 4K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 http:// INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
IS25C128A-2GLI IS25C128A-2GLI-TR IS25C128A-3GLI IS |
128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
|
Integrated Silicon Solution, Inc 天津新技术产业园区管理委员会
|
AT25320 AT25320-10PC AT25320-10PC-1.8 AT25320-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 8-Input NAND Gate 14-TSSOP -55 to 125 SPI Serial EEPROMs 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 High Speed CMOS Logic 8-Input Multiplexer with 3-State Outputs 16-SOIC -55 to 125 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 128 x 128 pixel format, LED Backlight available 128 x 128 pixel format, LED or EL Backlight available CAP 220PF 200V 1% NP0(C0G) DIP-2 BULK M-MIL-C-39014 CAP 100PF 200V 10% NP0(C0G) DIP-2 BULK M-MIL-C-39014
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SST25VF080B-50-4C-PAE SST25VF080B-50-4C-PAF SST25V |
8 Mbit SPI Serial Flash 4 Mbit Uniform Sector, Serial Flash Memory 8M X 1 FLASH 2.7V PROM, PDSO8
|
Microchip Technology Inc. Silicon Storage Technology, Inc. Silicon Storage Technol...
|
IS25C16 |
(IS25C08 / IS25C16) 8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|