PART |
Description |
Maker |
LT1081 LT1081C LT1081CJ LT1081CN LT1081CSW LT1081I |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Advanced Low Power 5V RS232 Dual Driver/Receiver From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1081INPBF |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
NJU6402 NJU6402B NJU6402BD NJU6402BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
LT1780 LT1781 LT1780CSWTRPBF |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18
|
Linear Technology Corporation Linear Technology, Corp.
|
CXA1644 CXA1644P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 ECHO EFFECT GENERATOR
|
Sony, Corp. SONY[Sony Corporation]
|
CXA1635 CXA1635M CXA1635S CXA1635S_M |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR From old datasheet system
|
Sony, Corp. SONY[Sony Corporation]
|
LTC1337CNW LTC1337CSW LTC13371 LTC1337CG |
5V Low Power RS232 3-Driver/5-Receiver Transceiver 5V Low Power RS232 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C TRIPLE LINE TRANSCEIVER, PDIP28
|
Linear Technology, Corp.
|
HCF4070 HCF4070B HCF4070BC1 HCF4070BEY HCF4070BF H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GATES 盖茨 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
NDL7660P NDL7660PC |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
|
NEC Corp.
|
NDL7705P2D NDL7603P NDL7910P NDL7701P NDL7705P NDL |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
|
NEC, Corp.
|