PART |
Description |
Maker |
EC2600TTS-115.000M |
OSCILLATORS 100PPM -10 70 3.3V 4 115.000MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 115 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
IRF530 IRF532FI IRF531FI IRF533FI IRF531 IRF530FI |
N-channel MOSFET, 80V, 9A N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET⑩ II POWER MOSFET N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SI3951DV-T1-E3 |
2.7 A, 20 V, 0.115 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
VISHAY SILICONIX
|
2N7002W |
115 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
LITE-ON SEMICONDUCTOR CORP
|
2N7002W-13 |
115 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DIODES INC
|
2V7002L 2V7002LT1G 2V7002LT3G 2N7002LT3G 2N7002L12 |
Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
|
ON Semiconductor
|
IRFR3911PBF |
14 A, 100 V, 0.115 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
|
2N7294D3 |
23 A, 200 V, 0.115 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
HARRIS SEMICONDUCTOR
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
FX2M6B-60S-1.27DSAL FX2M6A-60P-1.27DSAL FX2M6A-60S |
Motors, AC; Torque Max:300in-oz ETI 635W HRS/TEN 115/60 NO BEZ ETI 636W HRS/TEN 115/60 NO BEZ Connection Circuit Diagram
|
Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
|