PART |
Description |
Maker |
STE180N10 6033 |
From old datasheet system N - CHANNEL 100V - 5.5 m - 180A - ISOTOP POWER MOSFET N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
FQP90N10V2 FQPF90N10V2 |
100V N-Channel Advanced QFET V2 series 100V N-Channel MOSFET 90 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQI7N10L FQB7N10L FQI7N10LTU FQB7N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 7.3 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
RFP40N10 RF1S40N10SM RFG40N10 FN2431 |
CAP 180PF 200V 1% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 40 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 40A/ 100V/ 0.040 Ohm/ N-Channel Power MOSFETs 40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs 40A 100V 0.040 Ohm N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQH70N10 |
100V N-Channel Q-FET FQH70N10 100V N-Channel MOSFET FQH70N10 100V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQT7N10 FQT7N10TF |
100V N-Channel MOSFET 1.7 A, 100 V, 0.35 ohm, N-CHANNEL, Si, POWER, MOSFET 100V N-Channel QFET
|
Fairchild Semiconductor, Corp.
|