PART |
Description |
Maker |
ADUC831BS ADUC831BCP ADUC831 |
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-Channel 12-Bit ADC + Dual 12-Bit DAC + Flash MCU Big Memory Upgrade to ADuC812
|
AD Anolog Devices
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
STR710F STR711FR0H6 STR712FR0H6 STR715FR0H6 STR712 |
ARM7TDMI16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 16/32位微控制器ARM7TDMI的⑩5定时器,ADC0 COMMUNICAT离子接口与闪存,USB,可 ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
|
STMicroelectronics N.V. 意法半导
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
ADUC824B2 ADUC834 |
24-Bit ADC 16-Bit ADC 12-Bit DAC 62K-Byte Flash MCU
|
Analog Devices
|
C8051F015 C8051F015-GQ |
8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
STM32F101RDT6XXX STM32F101ZET6TR |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144
|
STMicroelectronics
|
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
ST72345 ST72340 ST72344 ST72F340K4T6 ST72F344S4T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMICROELECTRONICS
|
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
|