PART |
Description |
Maker |
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
SAB80C517-16-N-T40/85 SAB80C537-M16 SAB80C517-M-T4 |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑83态输出通用变换缓存SOIC-20封装 工作温度55℃_125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Input NAND Gate 14-PDIP -55 to 125 8位CMOS单芯片微控制 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC84
|
Siemens Semiconductor Group SIEMENS AG INFINEON TECHNOLOGIES AG SIEMENS A G http://
|
TMP86C847 TMP86C847U TMP86CH47U E_020911_86C847_SU |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family From old datasheet system CMOS 8-Bit Microcontrollers
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
JTMP04090XXXXSES TMP04090FXXXXES |
4-BIT, OTPROM, 2 MHz, MICROCONTROLLER, UUC100 CMOS 4-bit LL Microcontroller (OTP built-in) (LL: Low power consumption & voltage operation microcontroller)
|
TOSHIBA
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
UPD70F3107AF1-EN4 UPD70F3107AGA-UEN UPD70F3107AF1- |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC 32-BIT, 50 MHz, MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161
|
NEC, Corp.
|
MB90F343CESPF MB90F343CE MB90F343CEPF MB90F343CEPF |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-bit Microcontroller 16-bit Microcontroller
|
Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Component Limit...
|
UPD17227GT-XXX UPD17228GT-XXX UPD17225GT-XXX UPD17 |
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER Microcontroller 微控制器 MICROCONTROLLER|4-BIT|UPD17K CPU|CMOS|SOP|28PIN|PLASTIC
|
NEC
|
MB91F345BPFT-GE1 |
32-bit Microcontroller CMOS FR60 Lite MB91345 Series 32-BIT, FLASH, 50 MHz, RISC MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd.
|