PART |
Description |
Maker |
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
CAT24C00JITE13 CAT24C00LETE13 CAT24C00LITE13 CAT24 |
320 x 240 pixel format, Chip-On-Glass Technology CONNECTOR ACCESSORY From old datasheet system 128-bit Serial EEPROM 128-bit, 100 kHz @ 1.8 V & 400 kHz @ 5.0 V, 5-pin SOT23 Package
|
Catalyst Semiconductor
|
HN58W241000FPIE HN58W241000I |
Memory>EEPROM>Serial EEPROM Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
|
Renesas Electronics Corporation
|
AT24C11 AT24C11-10 AT24C11N-1 AT24C11N-10SU-2.7 AT |
1K, 2-wire Bus Serial EEPROM, Non-cascadable, high speed at medium voltage. 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 240 x 128 pixel format, CFL Backlight with power harness 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
24LC00T-_OT 24LC00T-_P 24LC00T-_SN 24LC00T-_ST 24L |
EEPROM: 128-Bit 2.5V Serial 1K/2K Software Addressable I2C⑩ Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AT17LV65 |
65/128/256/512K-bit and 1/2/4M-bit FPGA Configurator EEPROM (3.3V and 5V). Obtain the qualification
|
Atmel Corp
|
M93S56-WMN6TP/S M93S56-DS3P |
128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4Kbit, 2Kbit and 1Kbit (16-bit wide) MICROWIRE serial access EEPROM with block protection
|
STMicroelectronics
|
24AA00T-I_P 24C00-E/MC 24C00-E/OT 24AA00-E/MC 24LC |
128 Bit I2C Bus Serial EEPROM 128-Bit I2C Bus Serial EEPROM
|
Microchip Technology Inc.
|
HN58W241000FPIE HN58W241000I HN58W241000I05 |
Two-wire serial interface 1M EEPROM (128-kword ? 8-bit) Two-wire serial interface 1M EEPROM (128-kword × 8-bit)
|
Renesas Electronics Corporation
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
IS93C56-3 IS93C56-3G IS93C56-3GI IS93C56-3GR IS93C |
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|