PART |
Description |
Maker |
OP77AJ_883C OP77AZ_883C OP77BRC_883C 5962-8773802G |
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
|
Analog Devices
|
M5-128/120-5YI M5-128/120-5YC M5-128/160-5YI M5-19 |
Fifth Generation MACH Architecture 第五代马赫架 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PBGA256 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PBGA352
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. Air Cost Control
|
XC4VLX40 XC4VLX100 XC4VLX15 XC4VLX160 XC4VLX200 XC |
High-performance logic applications solution Virtex-4⑩ Family / newest generation FPGA VIRTEX-4⒙ FAMILY / NEWEST GENERATION FPGA Virtex-4??Family / newest generation FPGA Virtex-4 Family / newest generation FPGA Virtex-4?/a> Family / newest generation FPGA
|
XILINX[Xilinx, Inc] http://
|
MC100EL34 MC100EL34D MC10EL34 MC10EL34D ON0669 MC1 |
2 / 4 / 8 Clock Generation Chip 2,4,8 Clock Generation Chip 2, 4, 8 Clock Generation Chip From old datasheet system ±2,±4,±8 Clock Generation Chip
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
IRG4RC10UPBF IRG4RC10UTRPBF IRG4RC10UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
APT60GT60JRD |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. Thunderbolt IGBT & FRED 600V 90A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs.
|
Advanced Power Technology
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
APT10026L2LL_03 APT10026L2LL APT10026L2LL03 APT100 |
Power MOS 7 is a new generation of low loss, high voltage, N-Channel Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 38 A, 1000 V, 0.26 ohm, N-CHANNEL, Si, POWER, MOSFET TO-264MAX, 3 PIN
|
Microsemi Corporation ADPOW[Advanced Power Technology] Microsemi, Corp.
|
APT20GF120BRD |
Fast IGBT & FRED 1200V 32A The Fast IGBT is a new generation of high voltage power IGBTs. The Fast IGBTis a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd.
|
APT50GF120JRD |
Fast IGBT & FRED 1200V 75A The Fast IGBT is a new generation of high voltage power IGBTs. The Fast IGBT⑩ is a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology]
|
ATF1516SEL ATF1502SEL ATF1504SE ATF1504SEL ATF1508 |
Second Generation 5V Logic Doubling CPLD, 256 Macrocells, low power w/ISP Second Generation 5V Logic Doubling CPLD, 32 Macrocells, low power w/ISP Second Generation 5V Logic Doubling CPLD, 64 Macrocells, standard power w/ISP Second Generation 5V Logic Doubling CPLD, 256 Macrocells, standard power w/ISP Second Generation 5V Logic Doubling CPLD, 64 Macrocells, low power w/ISP Second Generation 5V Logic Doubling CPLD, 128 Macrocells, standard power w/ISP Second Generation 5V Logic Doubling CPLD, 128 Macrocells, low power w/ISP Second Generation 5V Logic Doubling CPLD, 32 Macrocells, standard power w/ISP
|
Atmel
|