PART |
Description |
Maker |
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
NTE56039 |
TRIAC, 4A Sensitive Gate
|
NTE[NTE Electronics]
|
NTE56047 NTE56045 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
HTU4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
BT138X-500E BT138X-600E BT138X-800E NXPSEMICONDUCT |
Triacs sensitive gate(双向可控硅敏感门) 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2N6073AG |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-225
|
ON Semiconductor
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|