PART |
Description |
Maker |
CD4049UBC CD4050B CD4050BC CD4049UBC02 CD4050BCN C |
LOGIC GATE|HEX INVERTER|CMOS|SOP|16PIN|PLASTIC HEX INVERTING BUFFER HEX NON-INVERTING BUFFER Hex Inverting Buffer • Hex Inverting Buffer ?Hex Non-Inverting Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M74HC36501 M74HC365 M74HC365M1R M74HC365RM13TR M74 |
BUS BUFFER (3-STATE) (NON INVERTING) HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
|
ST Microelectronics STMicroelectronics
|
CD4503BC |
Hex Non-Inverting 3-STATE Buffer
|
Fairchild
|
MC74HC368ADR2G |
Hex 3-State Inverting Buffer
|
ON Semiconductor
|
M74HC367TTR |
NON INVERTING HEX BUS BUFFER (3-STATE)
|
SGS Thomson Microelectronics
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74HC366 NXPSEMICONDUCTORSN.V.-74HCT366D |
Hex buffer/line driver; 3-state; inverting
|
NXP Semiconductors
|
74HCT366PW-Q100 74HC366PW-Q100 74HC366D-Q100 74HCT |
Hex buffer/line driver; 3-state; inverting
|
NXP Semiconductors
|
MC74HC125A HC125 MC74HC125AD MC74HC125ADT MC74HC12 |
Buffer, Non-Inverting 3-State Quad 3-State Non-Inverting Buffer Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
5962F9862301VCC ACS14MS ACS14DMSR-03 5962F9862301V |
CAPACITOR .033UF 200V M SERIES Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70 Radiation Hardened Hex Inverting Schmitt Trigger
|
Intersil Corporation
|