PART |
Description |
Maker |
AAT3522IGY AAT3520IGY-438-200-T1 AAT3522IGY-438-20 |
Quad 2-input positive-AND gates with open collector outputs 14-SOIC 0 to 70 微功耗微处理器复位电 MicroPower Microprocessor Reset Circuit 微功耗微处理器复位电 Quadruple 2-Input Positive-AND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AM28F512A-120JEB AM28F512A-120PEB AM28F512A-120FEB |
Divide-By-Twelve Decade Counter 14-PDIP 0 to 70 Divide-By-Twelve Decade Counter 14-SOIC 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-SOIC -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SO -40 to 85 Quadruple 2-Input Positive-Nor Gates 14-TVSOP -40 to 85 4-Bit Binary Counters 14-SO 0 to 70 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Quadruple 2-Input Positive-Nor Gates 14-TSSOP -40 to 85 2正输入或非门 14-TSSOP封装40℃到85 Hex Inverters 14-SSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-TVSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-SO -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 4-Bit Binary Counters 14-SOIC 0 to 70 64K X 8 FLASH 12V PROM, 150 ns, PDSO32 Quadruple 2-Input Positive-NAND Gates 14-TVSOP -40 to 85 64K X 8 FLASH 12V PROM, 200 ns, PDSO32 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 64K X 8 FLASH 12V PROM, 120 ns, PQCC32 Quadruple 2-Input Positive-NAND Gates 14-TSSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-SOIC -40 to 85 64K X 8 FLASH 12V PROM, 90 ns, PDIP32 Quadruple 2-Input Positive-Nor Gates 14-SO -40 to 85 64K X 8 FLASH 12V PROM, 70 ns, PQCC32 Quadruple 2-Input Positive-Nor Gates 14-SOIC -40 to 85
|
Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
AT49F512-70TC AT49F512 AT49F512-70VC AT49F512-70VI |
Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 Quadruple 2-Input Positive-NAND Gate 14-SSOP -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 512K 64K x 8 5-volt Only Flash Memory
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
HD74LS02 HD74LS02FPEL HD74LS02P HD74LS02RPEL |
Quadruple 2-Input Positive NOR Gates
|
Renesas Electronics Corporation
|
U74HC32L-S14-T U74HC32 U74HC32-D14-T U74HC32L-D14- |
QUADRUPLE 2-INPUT POSITIVE-OR GATES
|
UTC[Unisonic Technologies]
|
PO54G32AFU PO54G32ALU PO74G32A PO74G32ASIR PO74G32 |
QUADRUPLE 2-INPUT POSITIVE-OR GATES
|
Potato Semiconductor Corporation
|
GD74LS08 |
Quadruple 2-Input Positive AND Gates
|
LG Semicon
|
U74HC00-S14-R U74HC00L-S14-T U74HC00 U74HC00-D14-T |
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
PO74G00A-14 |
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
|
Potato Semiconductor Corpor...
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
HD74LS00DN |
QUADRUPLE 2-INPUT POSITIVE-NAND GATES 输入阳性与非门
|
Hitachi,Ltd.
|
HD74LS132 HD74LS132P HD74LS132RPEL HD74LS132FPEL |
Quadruple 2-Input Positive NAND Schmitt-triggers
|
Renesas Electronics Corporation
|