PART |
Description |
Maker |
N74F646AD N74F646AN N74F646D N74F646N N74F648AD N7 |
16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 80-LQFP -40 to 85 16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 100-LQFP -40 to 85 Octal transceiver/register, non-inverting(3-State)(八收发器/寄存器,(同相,三态)) Octal transceiver/register / non-inverting 3-State Octal transceiver/register non-inverting 3-State Octal transceiver/register, non-inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AS1505-T AS1505 AS1504 AS1504-T |
Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
|
AMSCO[austriamicrosystems AG]
|
K9WAG08U1A067 L9733XP LAN8700-AEZG LM320L06 LM4851 |
1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory Octal self configuring Low/High side driver 15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint 3-Terminal Negative Regulators 50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for AM Receiver IC
|
SAMSUNG STMICROELECTRONICS SMSC NSC MAS Micro Analog systems
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
DAC8840 DAC8840FP DAC8840FS DAC8840FW DAC8840GBC |
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 8-BIT DAC, PDIP24 8-Bit Octal/ 4-Quadrant Multiplying/ CMOS TrimDAC 8-Bit Octal 4-Quadrant Multiplying CMOS TrimDAC 8-Bit, Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
|
Analog Devices, Inc. AD[Analog Devices]
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
5962-8961603VX 5962-8961604VX 5962-8961601VX |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs Analog-to-Digital Converter8-Bit ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver 模拟到数字转换器
|
TE Connectivity, Ltd.
|