PART |
Description |
Maker |
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
LT1039CN16 LT10391 LT1039ISW LT1039CSWTR LT1039IN |
RS232 Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18
|
Linear Technology, Corp.
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
UPD4721 UPD4721GS-GJG UPD4721GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC, Corp. NEC Corp. NEC[NEC]
|
LT1381CS LT1381 LT1381I LT1381IS LT1381CN LT1381C |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
CXA1992AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
SP3220EB SP3220EBCA SP3220EBCT SP3220EBCY SP3220EB |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
|
SIPEX[Sipex Corporation]
|
P6KE180 P6KE6.8A P6KE13A P6KE350 P6KE43 |
Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR 技术规格瞬态电压抑制器 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
DC Components Co., Ltd.
|
UPD4724GS-GJG UPD4724 UPD4724GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|