PART |
Description |
Maker |
LT1780 LT1780CN LT1780CSW LT1781 LT1781CN LT1781CS |
Low Power 5V RS232 Dual Driver/Receiver with 【15kV ESD Protection From old datasheet system Low Power 5V RS232 Dual Driver/Receiver with ±15kV ESD Protection Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
|
LINER[Linear Technology]
|
EL1501 EL1501C EL1501CM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Differential Line Driver/Receiver
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|
LT1081-15 LT1080-15 |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
MC10H330LR2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
ON Semiconductor
|
LT1780 LT1781 LT1780CSWTRPBF |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18
|
Linear Technology Corporation Linear Technology, Corp.
|
AM2168-35DC AM2168-35PC AM2168-35LC AM2169-70/BRA |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Single Cell Micropower 600kHz PWM DC/DC Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 x4 SRAM x4的SRAM Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
API Delevan
|
CXA1635 CXA1635M CXA1635S CXA1635S_M |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR From old datasheet system
|
Sony, Corp. SONY[Sony Corporation]
|
LTC1337CNW LTC1337CSW LTC13371 LTC1337CG |
5V Low Power RS232 3-Driver/5-Receiver Transceiver 5V Low Power RS232 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C TRIPLE LINE TRANSCEIVER, PDIP28
|
Linear Technology, Corp.
|
LTC1337 LTC1337C LTC1337CG LTC1337CN LTC1337CS LT1 |
5V Low Power RS232 3-Driver/5-Receiver Transceiver From old datasheet system 5V Low Power RS232 3-Driver/5-Receiver Transceiver LINE TRANSCEIVER, PDIP28
|
LINER[Linear Technology] Linear Technology, Corp.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
CXA1665M CXA1665M-S CXA1665 |
All Band TV Tuner IC (VHF-CATV-UHF) 所有带电视调谐器集成电路(甚高频,有线电视,超高频 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp. SONY[Sony Corporation]
|