PART |
Description |
Maker |
MAX4741 MAX4741EKA MAX4741EUA MAX4742EKA MAX4742EU |
0.8O, Low-Voltage, Single-Supply Dual SPST Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 0.8<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Low-Voltage.Single-Supply Dual SPST Analog Switches 0.8з, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8 / Low-Voltage / Single-Supply Dual SPST Analog Switches 0.8 Low-Voltage Single-Supply Dual SPST Analog Switches " 0.8|? Low-Voltage, Single-Supply Dual SPST Analog Switches" 0.8, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8? Low-Voltage, Single-Supply Dual SPST Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL43410IU-T ISL43410IRZ ISL43410IUZ-T ISL43410IR- |
Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Performance Analog Switch 2-CHANNEL, DBL POLE DBL THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
TS391 TS391ILT |
LOWPOWER SINGLE VOLTAGE COMPARATORS LOW POWER SINGLE VOLTAGE COMPARATOR
|
SGS Thomson Microelectronics ST Microelectronics
|
DG3000DB-T1 DG3000DB-T1-E1 DG300008 |
Low-Voltage Single SPDT MICRO FOOT?Analog Switch Low-Voltage Single SPDT MICRO FOOT庐Analog Switch Low-Voltage Single SPDT MICRO FOOT㈢Analog Switch
|
Vishay Siliconix
|
OM60N06SA OM50N05SA OM50N05ST OM50N06SA OM50N06ST |
60V Single N-Channel Hi-Rel MOSFET in a D3 package 60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 50V Single N-Channel Hi-Rel MOSFET in a TO-254AA package LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE 50V Single N-Channel Hi-Rel MOSFET in a D3 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
IRF[International Rectifier]
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
MAX4638 MAX4638EGE MAX4638EGP MAX4638ESE MAX4638EU |
3.5? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers 3.5, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers "3.5|?, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers" 3.5з, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers 3.5з,单8:1:1双路,低电压模拟多路复用 3.5 / Single 8:1 and Dual 4:1 / Low-Voltage Analog Multiplexers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL23315TFRUZ-T7A ISL23315TFRUZ-TK ISL23315TFUZ IS |
Single, Low Voltage Digitally Controlled Potentiometer (XDCP?? Single, Low Voltage Digitally Controlled Potentiometer (XDCP? 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PQCC10
|
Intersil Corporation
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-957 |
Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, CQCC20 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|
|