PART |
Description |
Maker |
ADN4697E ADN4693E |
3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver 3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
|
Analog Devices
|
LAN91C96I |
Non-PCI Single-Chip Full Duplex Ethernet Controller
|
SMSC Corporation
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
ML7012-04GA ML7012 |
2400 bps Single Chip Full Duplex Data Modem with Protocol
|
OKI[OKI electronic componets]
|
ML7041 |
Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
|
List of Unclassifed Man...
|
SMC91C95 |
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
|
List of Unclassifed Manufacturers
|
AM79C961A AM79C961AKC AM79C961AKCW AM79C961AVIW AM |
PCnet-ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet?ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
AM79C961A AM79C961AKCW |
PCnet ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet -ISA II Jumperless/ Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices, Inc.
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ADM3486EARZ-REEL7 ADM3483EARZ-REEL7 |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3 V, 15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,15千伏ESD保护,半和全双工,RS-485/RS-422收发
|
Analog Devices, Inc.
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
|