PART |
Description |
Maker |
M48Z129V M48Z129V-70PM1 M48Z129V-85PM1 M48Z129VPM |
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM 3.3V/5V兆位的SRAM 128KB的x8 ZEROPOWER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M48Z512AY-85PM9 |
4 MBIT (512KB X 8) ZEROPOWER SRAM
|
ST Microelectronics
|
M48T128 M48T128V M48T128VPM M48T128Y M48T128YPM M4 |
3.3V-5V 1 Mbit (128Kb x8) TIMEKEEPER SRAM 3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
|
SGS Thomson Microelectronics STMicroelectronics ST Microelectronics
|
M48Z2M1V 5135 M48Z2M1Y-70PL1 M48Z2M1-70PL1 M48Z2M1 |
16 MBIT (2MB X 8) ZEROPOWER SRAM From old datasheet system
|
STMicroelectronics SGS Thomson Microelectronics
|
M48T128V M48T128Y 5746 |
3.3V-5V 1 Mbit (128Kb x 8) TIMEKEEPER ? SRAM From old datasheet system
|
STMicro
|
M48Z02 M48Z02-150PC1 M48Z02-200PC1 M48Z02-70PC1 M4 |
16 Kbit (2Kb x 8) ZEROPOWER SRAM(16K位零功耗非易失性静态RAM) 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
|
意法半导 STMicroelectronics
|
M48Z02-120PC1 M48Z02-120PC6 M48Z12-120PC1 M48Z12-2 |
CMOS 2K x 8 zeropower SRAM, 120ns CMOS 2K x 8 zeropower SRAM, 200ns
|
SGS Thomson Microelectronics
|
M48Z35AV-10PC1 M48Z35Y-70PC6TR M48Z35 M48Z35-70MH1 |
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256 KBIT (32KB X 8) ZEROPOWER SRAM 256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256千位2千位× 8)ZEROPOWER的SRAM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
M48Z512AV-85PM1 M48Z512AV-85PM6 M48Z512AY-7-PM1 M4 |
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 2A Standard Fixed Output LDO Regulators; Package: TO220FP-3; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500;
|
意法半导
|
M27V101 M27V101-100B1TR M27V101-100B6TR M27V101-10 |
1-Bit to 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TVSOP -40 to 85 1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M48Z35AY M48Z35AY-100MH1 M48Z35AY-100MH1TR M48Z35A |
32K X 8 NON-VOLATILE SRAM, 100 ns, PDSO28 256 Kbit 32Kb x8 ZEROPOWER SRAM 256千位2KB的SRAM x8 ZEROPOWER ER 5C 2#16 3#12 PIN PLUG ER 3C 3#8 SKT PLUG MS3106A22-34P ER 4C 2#12 2#8 SKT PLUG MS3106A22-2S Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-4 RoHS Compliant: No
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M48Z35-70MH1 M48Z35-70MH1TR M48Z35-70MH6 M48Z35-70 |
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256 Kbit 32Kb x8 ZEROPOWER SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|