PART |
Description |
Maker |
LTC1771EMS8 LTC1771 LTC1771I LTC1771IS8 LTC1771ES8 |
Octal D-Type Edge-Triggered Read-Back Latches 24-SOIC 0 to 70 1 A SWITCHING CONTROLLER, PDSO8 Octal D-Type Edge-Triggered Read-Back Latches 24-PDIP 0 to 70 低静态电流高效率降压DC / DC控制 From old datasheet system Low Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp. LINER[Linear Technology]
|
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
U74HCT374 |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
|
Unisonic Technologies
|
AM27C512 AM27C4096-55DC AM27C4096-55DCB AM27C4096- |
512 Kilobit (64 K x 8-Bit) CMOS EPROM 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 90 ns, CDIP28 Quad bistable latches 16-SOIC 0 to 70 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 120 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 55 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-SO 0 to 70 64K X 8 UVPROM, 200 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70 512千比特(64亩8位)的CMOS存储 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SSOP 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 64K X 8 UVPROM, 70 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 Quad bistable latches 16-PDIP 0 to 70 Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
MM74HC574 MM74HC574MTCX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
HD74LV374ATELL HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
74LS374 HD74LS374 |
Octal D-type Flip-Flops with noninverted 3-state output Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
IDM29901NC 74LS373 74LS374 74373 |
3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
|
Fairchild Semiconductor
|
DM74AS574 DM74AS574N DM74AS574WM |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|