PART |
Description |
Maker |
IDT72V3654 DT72V3674L10PF DT72V3654L10PF DT72V3654 |
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
|
IDT[Integrated Device Technology]
|
VCC4 VCC4-C3E-50M000 VCC4-G3E-50M000 VCC4-E3E-50M0 |
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT 1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator 1.8.5.3.0伏的CMOS振荡
|
Vectron International, Inc.
|
IDT72V831 IDT72V831L10PF IDT72V831L10TF IDT72V831L |
3.3 VOLT DUAL CMOS SyncFIFO?/a> 3.3 VOLT DUAL CMOS SyncFIFO 4K X 9 BI-DIRECTIONAL FIFO, 12 ns, PQFP64 Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs 3.3伏双通道CMOS SyncFIFO 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 3.3 VOLT DUAL CMOS SyncFIFO⑩ 4K x 9 DualSync FIFO, 3.3V
|
Integrated Device Technolog... Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
RC86L60-3 RC86L60-2 RC86L60-1 |
CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
|
List of Unclassifed Manufacturers
|
S29CD-J S29CL032J S29CD016J S29CD016J0JFAI000 S29C |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AM29LV641GH35EI AM29LV641GL35EI AM29LV641GH55EI AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 64兆位个M x 16位)的CMOS 3.0伏特,只有统一闪存部门与VersatileI /输出⑩控 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 4M X 16 FLASH 3V PROM, 70 ns, PBGA63 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|
A29040 A29040-120 A29040-150 A29040-55 A29040-70 A |
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 128K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory
|
AMICC[AMIC Technology]
|
UPD65802 UPD652XX |
CMOS 8 LCX 3 Volt / CMOS Gate Arrays Crosscheck Test Support asic
|
nec
|
AM29F010-1 AM29F010-120DGC1 AM29F010-120DGE1 AM29F |
1 megabit CMOS 5.0 volt-only, uniform sector flash memory- die revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash MemoryDie Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC30 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 90 ns, UUC30 Evaluation Board for LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers 128K X 8 FLASH 5V PROM, 90 ns, UUC30 LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers; Package: MICRO SMD; No of Pins: 8 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory-Die Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory-Die Revision 1
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|