PART |
Description |
Maker |
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
ADCMP56305 ADCMP563BCP-R2 ADCMP563BCP-RL7 ADCMP563 |
Dual High Speed ECL Comparator 16 - Lead QSOP; Package: LFCSP (3x3mm, 1.50mm exposed pad); No of Pins: 16; Temperature Range: Commercial DUAL COMPARATOR, 10000 uV OFFSET-MAX, 0.83 ns RESPONSE TIME, QCC16 Dual, High Speed ECL Comparators
|
ANALOG DEVICES INC Analog Devices, Inc.
|
IDT7134LA70P IDT7134LA70PB IDT7134SA35C IDT7134SA3 |
150V N-Channel UltraFET Trench MOSFET HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail FTDI232BM, USB-RS232, 32-LQFP SMT 30V Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package; Package: SO-14; No of Pins: 14; Container: Tape & Reel
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
ICL3232EIV-16Z-T ICL3221EIV ICL3221EIV-T ICL3222EI |
CAT5E PATCH CORD 10 FOOT YELLOW CONNECTOR, DUAL ROW, QF 50,10 PIN 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 .100-In. KK Solid Header, Vertical, Friction Lock, 16 Circuits, Tin DUAL LINE TRANSCEIVER, PDSO20 CAT5E PATCH CORD 100MHZ 7 FOOT YELLOW DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RSM, 604 1% 1206 TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
OP271 OP271FZ |
18V; 25mA; high speed, dual operational amplifier HIGH SPEED DUAL OPERATIONAL AMPLIFIER From old datasheet system
|
AD Analog Devices
|
EL7222 EL7202 EL7212CS EL7202CS EL7202CN |
Driver, MOSFET, 1-Inverting, 1-Non-Inverting, 2A Peak, High-Speed, Dual High Speed, Dual Channel Power MOSFET Drivers High Speed/ Dual Channel Power MOSFET Drivers
|
Intersil Corporation
|
HCPL0500 HCPL0501 HCPL0530 HCPL0531 HCPL0534 HCPL0 |
Single channel high speed transistor optocoupler. HIGH SPEED TRANSISTOR OPTOCOUPLERS 8-Pin SOIC Single-Channel High Speed Transistor 8-PIN, Output Optocoupler - No Base Connection 8-Pin SOIC Single-Channel High Speed Transistor Output Optocoupler SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 15kV/us 8-Pin SOIC 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
LT1127A LT1126A LT1127 LT1126 |
Dual Decompensated Low Noise, High Speed Precision Op Amps(双路,低噪声,无校正高速精密运算放大器) From old datasheet system Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps Dual Decompensated Low Noise, High Speed Precision Operational Amplifier Quad Decompensated Low Noise, High Speed Precision Operational Amplifier
|
Linear Technology Corporation
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
IDT70V261L IDT70V261L25PF IDT70V261L25PFI IDT70V26 |
DUAL PORT RAM 16K X 16-BIT 25 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高.3 16K的16 DUAL-PORT静态RAM HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高3.3 16K的16 DUAL-PORT静态RAM 16K x 16 3.3V Dual-Port RAM w/Int
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|