PART |
Description |
Maker |
IDT71024S70 IDT71024S70TY IDT71024S70Y |
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
|
IDT[Integrated Device Technology]
|
IDT71V416S15PHI |
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
|
Integrated Device Techn...
|
7101612PHGI8 7101612YGI8 7101615PHGI8 7101620PHGI8 |
CMOS Static RAM 1 Meg (64K x 16-Bit) CMOS Static RAM 1 Meg (64K x 16-Bit)
|
Integrated Device Techn...
|
P4C1041-10JC P4C1041-10TC P4C1041-15JC |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Pyramid Semiconductor, Corp.
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
IDT71128 IDT71128S12Y IDT71128S12YI IDT71128S15Y I |
Precision Adjustable (Programmable) Shunt Reference 8-SOIC -40 to 125 Precision Adjustable (Programmable) Shunt Reference 8-TSSOP -40 to 125 CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout 256K x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
STK22C48 STK22C48N25 STK22C48N35 STK22C48N35I STK2 |
2K x 8 AutoStore?/a> nvSRAM QuantumTrap?/a> CMOS Nonvolatile Static RAM 2K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 2K x 8 AutoStore⑩ nvSRAM QuantumTrap⑩ CMOS Nonvolatile Static RAM 2K X 8 AUTOSTORE⒙ NVSRAM QUANTUMTRAP⒙ CMOS NONVOLATILE STATIC RAM
|
List of Unclassifed Manufacturers ETC[ETC]
|
IC62C256 IC62C256-45T IC62C256-45TI IC62C256-45U I |
70ns; 5V; 32K x 8 low power CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 45ns; 5V; 32K x 8 low power CMOS static RAM
|
Integrated Circuit Solution... ICSI[Integrated Circuit Solution Inc]
|