PART |
Description |
Maker |
IDT709389L IDT709389L7PF IDT709389L12PF IDT709389L |
64K x 18 Sync, Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM x18 Dual-Port SRAM
|
IDT
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7038L20PFI |
HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Technology, Inc.
|
CY7C09389 CY7C09389-12AC CY7C09389-6AC CY7C09389-7 |
32K/64K x16/18 Synchronous Dual Port Static RAM
|
Cypress Semiconductor
|
CY7C09089 CY7C09079A CY7C09099 CY7C91089 CY7C91099 |
64K x 8 Synchronous Dual-Port Static RAM(64K x 8 同步双端口静态RAM) From old datasheet system 32K/64K/128K x 8/9Synchronous Dual-Port Static RAM
|
Cypress Semiconductor Corp.
|
IDT709089 IDT709089L12PF IDT709089L12PFI IDT709089 |
64K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM Quad Low-Noise JFET-Input General-Purpose Operational Amplifier 14-SOIC -40 to 85 64K X 8 DUAL-PORT SRAM, 30 ns, PQFP100 Quad Low-Noise JFET-Input General-Purpose Operational Amplifier 14-TSSOP 0 to 70 64K X 8 DUAL-PORT SRAM, 25 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
70V18L15PFG 70V18L15PFG8 70V18L15PFGI |
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
|
Integrated Device Techn...
|
IDT7038L IDT7038L15PF IDT7038L15PFI IDT7038L20PF I |
HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
|
Integrated Device Technology
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
CY7C0837AV CY7C0837AV-133BBC CY7C0837AV-133BBI CY7 |
FLEx18垄芒 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18?/a> 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp. http://
|