PART |
Description |
Maker |
5019400597 501940-0417 501940-0527 501940-0537 501 |
1.0 WIRE TO BOARD CONN. WAFER ASSY 1-ROW ST POSI-LOCK -LEAD FREE-
|
Molex Electronics Ltd.
|
X9119TV14-2.7T1 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL CORP
|
X9271TV14-2.7T1 |
Single Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Intersil, Corp.
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
ZL2005PALPFT ZL2005PALPFT1 |
Digital-DC™ Controller with Drivers and POLA/DOSA Trim Description; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|