PART |
Description |
Maker |
MC74HC125A HC125 MC74HC125AD MC74HC125ADT MC74HC12 |
Buffer, Non-Inverting 3-State Quad 3-State Non-Inverting Buffer Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
74AHC125BQ 74AHCT125D 74AHC125D 74AHCT125PW 74AHC1 |
Quad buffer-line driver; 3-state 四缓冲线驱动器;3态; Quad buffer/line driver; 3-state; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7"
|
NXP Semiconductors N.V.
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
DM74LS125A DM74LS125AM DM74LS125AN DM74LS125ASJ 74 |
4-Bit Buffer/Driver LS SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad 3-STATE Buffer
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT125N |
Quad buffer; 3-state
|
NXP Semiconductors N.V.
|
74F125PC 74F125SC 74F125SJ |
Quad Buffer (3-STATE)
|
Fairchild Semiconductor
|
74ACT125 74ACT125MTCXNL |
Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor
|
HD74HCT125 HD74HCT126 HD74HCT126T |
Quad. Bus Buffer Gates (with 3-state outputs) BUFFER/DRIVER|SINGLE|4-BIT|HCT-CMOS|TSSOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|