PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
PHU78NQ03LT PHP78NQ03LT |
N-channel TrenchMOS logic level FET N-channel TrenchMOSTM logic level FET 75 A, 25 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
BUK9Y19-55B |
N-channel TrenchMOSlogic level FET N-channel TrenchMOS⑩ logic level FET N-channel Trenchmos (tm) logic level FET
|
PHILIPS[Philips Semiconductors]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDN5632NF085 |
N-Channel Logic Level PowerTrench? MOSFET 60V, 1.6A, 98mΩ N-Channel Logic Level PowerTrench㈢ MOSFET 60V, 1.6A, 98mヘ
|
Fairchild Semiconductor
|
FDS4435A FDS4435 FDS4435ANF073 FDS4435ANL |
P-Channel Logic Level PowerTrench MOSFET P-Channel Logic Level PowerTrench⑩MOSFET P-Channel Logic Level PowerTrench?MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
|