PART |
Description |
Maker |
K7P401822B-HC16 K7P401822B-HC20 K7P401822B-HC25 K7 |
SENSOR DIFF VACUUM GAGE 10 H2O 128K × 36 128Kx36 & 256Kx18 Synchronous Pipelined SRAM 128K × 36 256K X 18 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 128K X 36 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, BGA-119 SENSOR DIFF VACUUM GAGE 1PSI SENSOR ABSOLUTE 0-15PSIA 128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
HDSP-U113-FG000 HDSP-U511-KL000 HDSP-U513-KL000 HD |
8 mm (0.31 inch) Ultra Mini Seven Segment Display CPC Series, Gage, Vacuum Gage; Signal Conditioning: Unamplified; Pressure Range: ± 60.0 psi; Port Style: Barbed: High Grade CPX Series, Gage, Vacuum Gage; Signal Conditioning: Unamplified; Pressure Range: ± 1.0 psi; Port Style: None 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 8 mm 7 SEG NUMERIC DISPLAY, YELLOW, 8 mm
|
AGILENT TECHNOLOGIES INC
|
1600DGH500ACEGA 1600DGH150ACEGA 1600CG1G50ACEGA 16 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-5000Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-1500Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 1-6V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-0Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-285Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 4-20mA
|
GEMS SENSORS & CONTROLS
|
BAS70-02W |
SENSOR VACUUM GAGE 1PSID Silicon Schottky Diode Schottky Diodes - Silicon AF Schottky diode for high-speed switching
|
INFINEON[Infineon Technologies AG]
|
CY7C63000A-SC CY7C63100A-SC CY7C63000A-PC CY7C6310 |
SENSOR AMP 100PSI GAU .5-4.5 OUT SENSOR AMP 30PSI DIFF .5-4.5 OUT 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP20 Universal Serial Bus Microcontroller 通用串行总线控制 SENSOR BIDIR DIGITAL 3PSI 5 H2O
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
20710000PSIG |
Pressure Sensor, Transducer, 0 to 10000psi Range, Gage Type
|
Setra System
|
ADP5130 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-7.25Psi, 1.25%, 0.50-4.50V, RECTANGULAR, THROUGH HOLE MOUNT
|
|
MPX2200GVP MPX2200 MPX2200A MPX2200A_D MPX2200AP M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, BARREL, THROUGH HOLE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
|